PART |
Description |
Maker |
2SB1370 2SB1565 2SB1565F 2SB1655 |
Power Transistor (-60V/ -3A) Power Transistor (-60V, -3A) Power Transistor (-60V -3A) Power Transistor(-60V, -3A) 3-Pin, Ultra-Low-Voltage, Low-Power µP Reset Circuits
|
ROHM[Rohm]
|
2SB1713 2SB1714 2SB852K1 2SC2412K1 2SC41021 2SC472 |
-3A / -12V Bipolar transistor -2A / -30V Bipolar transistor High-gain Amplifier Transistor (?32V, ?0.3A) General purpose transistor (50V, 0.15A) High-voltage Amplifier Transistor (120V, 50mA) High-Frequency Amplifier Transistor (11V, 50mA, 3.2GHz) Power transistor (60V, 3A) Medium power transistor (60V, 2A) Medium power transistor (60V, 0.5A) High-gain Amplifier Transistor (32V , 0.3A) Medium Power Transistor (32V, 1A) Power Transistor (80V, 1A) Low VCE(sat) transistor (strobe flash) High-current Gain Medium Power Transistor (20V, 0.5A) Low frequency amplifier 4V Drive Nch MOS FET 10V Drive Nch MOS FET 2.5V Drive Nch MOS FET 4 Amps, 600 Volts N-CHANNEL POWER MOSFET
|
UTC ROHM[Rohm]
|
2SD313 2SD313D |
TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 3A I(C) | TO-220AB 晶体管|晶体管|叩| 60V的五(巴西)总裁| 3A条一(c)| TO - 220AB现有 POWER TRANSISTORS(3A/60V/30W) POWER TRANSISTORS(3A,60V,30W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
CSB1370 CSB1370F CSB1370D CSB1370E |
30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 160 - 320 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 100 - 200 hFE. 30.000W Medium Power PNP Plastic Leaded Transistor. 60V Vceo, 3.000A Ic, 60 - 120 hFE. PNP Silicon Epitaxial Power Transistor
|
CDIL[Continental Device India Limited]
|
DXT2010P5 DXT2010P5-13 DXT2010P5-15 |
60V NPN MEDIUM POWER TRANSISTOR PowerDI垄莽5 60V NPN MEDIUM POWER TRANSISTOR PowerDI?5
|
Diodes Incorporated
|
ZX5T851A ZX5T851ASTZ ZX5T851ASTOA |
NPN Med Power Transistor 60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN E-LINE 4500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes Incorporated
|
2SB1243 2SB1184 |
(2SB1184 / 2SB1185 / 2SB1243) Power Transistor Power Transistor (-60V/ -3A)
|
Rohm
|
STD12NE06L STD12NE06L-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA N - CHANNEL 60V - 0.09ohm- 12A TO-251/TO-252 STripFET POWER MOSFET N-CHANNEL POWER MOSFET
|
California Eastern Laboratories, Inc. STMicroelectronics ST Microelectronics
|
2SC5826TV2Q 2SC582611 |
3000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR ATV, 3 PIN Power transistor (60V, 3A)
|
Rohm
|
2SC58242 |
Power transistor (60V, 3A)
|
Rohm
|
2SB1243 2SB1184 2SB1185 |
Power Transistor (-60V, -3A)
|
ROHM[Rohm]
|